PART |
Description |
Maker |
515-1062 |
Mates With 515-1063
|
Dialight Corp.
|
44262-6412 |
5.33mm (.210") Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 13.08mm (.515") 5.33mm (.210) Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 13.08mm (.515)
|
Molex Electronics Ltd.
|
ZX95-550 ZX95-550-S |
VCO, 515 MHz - 550 MHz ROHS COMPLIANT, CASE GB956
|
Mini-Circuits
|
2741T 2741S |
T1/E1 Transformer Shielded HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
|
BEL[Bel Fuse Inc.]
|
2745H2 2745AK2 |
T1/E1 Transformer Shielded 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
|
BEL[Bel Fuse Inc.]
|
2741H2 2741B 2741B2 2741C 2741C2 2741G 2741G2 2741 |
T1/E1 Through Hole Shielded Transformers TELECOM TRANSFORMER T1/E1 Transformer Shielded transformers TELECOM TRANSFORMER ±15kV ESD-Protected USB Transceivers HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
JANTX2N7228U |
N Channel MOSFET; 12 A, 500 V, 0.515 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp.
|
HM6620100 HM6610100 HM6615100 HM6640100 HM6660100 |
Miniature Low Profile, Shielded Surface Mount Inductors Miniature Low Profile, Shielded 1 ELEMENT, 3.8 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 8.6 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR, SMD Miniature Low Profile, Shielded 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR, SMD
|
List of Unclassifed Manufacturers ETC[ETC] BI Technologies, Corp. BI TECHNOLOGIES CORP
|
LPS3015-182MLB LPS3015-182MLD LPS3015-183MLB LPS30 |
Shielded Power Inductors LPS3015 Very low DCR; excellent current handling, Miniature 3.0 × 3.0 mm footprint; less than 1.5 mm tall Shielded Power Inductors LPS3015
|
Coilcraft lnc.
|
AS50-101K-RC AS50-R10K-RC10 AS50-153K-RC-TR AS50-1 |
Axial Shielded Inductors 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR Axial Shielded Inductors
|
Allied Components International Allied Components Inter...
|
ASPC60-102K-RC ASPC60-251K-RC ASPC60-501K-RC |
Power Shielded Inductors 1 ELEMENT, 250 uH, GENERAL PURPOSE INDUCTOR Power Shielded Inductors
|
BRIGHT LED ELECTRONICS CORP ALLIED COMPONENTS INTERNATIONAL Allied Components Inter...
|
|